|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www..com MOTOROLA SEMICONDUCTOR TECHNICAL DATA Order this document by MRF1150MA/D The RF Line Microwave Pulse Power Transistors Designed for Class B and C common base amplifier applications in short pulse TACAN, IFF, and DME transmitters. * Guaranteed Performance @ 1090 MHz, 50 Vdc Output Power = 150 Watts Peak Minimum Gain = 7.8 dB * 100% Tested for Load Mismatch at All Phase Angles with 10:1 VSWR * Industry Standard Package * Nitride Passivated * Gold Metallized, Emitter Ballasted for Long Life and Resistance to Metal Migration * Internal Input Matching for Broadband Operation * Circuit board photomaster available upon request by contacting RF Tactical Marketing in Phoenix, AZ. MRF1150MA MRF1150MB 150 W PEAK, 960 - 1215 MHz MICROWAVE POWER TRANSISTORS NPN SILICON MAXIMUM RATINGS Rating Collector-Base Voltage Emitter-Base Voltage Collector Current -- Peak (1) Total Device Dissipation @ TC = 25C (1) (2) Derate above 25C Storage Temperature Range Symbol VCBO VEBO IC PD Tstg Value 70 4.0 12 3.33 - 65 to +150 Unit Vdc Vdc Adc W/C C CASE 332-04, STYLE 1 (MRF1150MA) e DataShe CASE 332A-03, STYLE 1 (MRF1150MB) .com 583 Watts THERMAL CHARACTERISTICS Characteristic Thermal Resistance, Junction to Case (3) Symbol RJC Max 0.3 Unit C/W ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted) Characteristic Symbol Min Typ Max Unit OFF CHARACTERISTICS Collector-Emitter Breakdown Voltage (IC = 50 mAdc, VBE = 0) Collector-Base Breakdown Voltage (IC = 50 mAdc, IE = 0) Emitter-Base Breakdown Voltage (IE = 5.0 mAdc, IC = 0) Collector Cutoff Current (VCB = 50 Vdc, IE = 0) V(BR)CES V(BR)CBO V(BR)EBO ICBO 70 70 4.0 -- -- -- -- -- -- -- -- 10 Vdc Vdc Vdc mAdc ON CHARACTERISTICS DC Current Gain (4) (IC = 5.0 Adc, VCE = 5.0 Vdc) hFE 10 30 -- -- NOTES: (continued) 1. Pulse Width = 10 s, Duty Cycle = 1%. 2. These devices are designed for RF operation. The total device dissipation rating applies only when the device is operated as RF amplifiers. 3. Thermal Resistance is determined under specified RF operating conditions by infrared measurement techniques. 4. 80 s Pulse on Tektronix 576 or equivalent. .com REV 8 (c)MOTOROLA RF DEVICE DATA Motorola, Inc. 1997 MRF1150MA MRF1150MB 1 DataSheet 4 U .com www..com ELECTRICAL CHARACTERISTICS -- continued (TC = 25C unless otherwise noted) Characteristic Symbol Min Typ Max Unit DYNAMIC CHARACTERISTICS Output Capacitance (VCB = 50 Vdc, IE = 0, f = 1.0 MHz) Cob -- 25 32 pF FUNCTIONAL TESTS (Pulse Width = 10 s, Duty Cycle = 1.0%) Common-Base Amplifier Power Gain (VCC = 50 Vdc, Pout = 150 W pk, f = 1090 MHz) Collector Efficiency (VCC = 50 Vdc, Pout = 150 W pk, f = 1090 MHz) Load Mismatch (VCC = 50 Vdc, Pout = 150 W pk, f = 1090 MHz, VSWR = 10:1 All Phase Angles) GPB No Degradation in Power Output 7.8 35 9.8 40 -- -- dB % + + C2 L1 L2 C3 C4 - VCC = 50 Vdc RF INPUT Z1 Z2 Z3 Z4 Z5 DUT Z6 Z7 Z8 Z9 C2 Z10 RF OUTPUT t4U.com e DataShe .com C1, C2 -- 220 pF Chip Capacitor, 100-mil ATC C3 -- 0.1 F/100 V C4 -- 47 F/75 V Electrolytic L1, L2 -- 3 Turns #18 AWG, 1/8 ID Z1 - Z10 -- Distributed Microstrip Elements -- See Photomaster Board Material -- 0.031 Thick Teflon-Fiberglass, r = 2.5 Figure 1. 1090 MHz Test Circuit 200 Pout , OUTPUT POWER (WATTS pk) f = 960 MHz 150 1090 MHz 100 Pout , OUTPUT POWER (WATTS pk) 200 Pin = 20 W pk 17.5 W pk 150 100 15 W pk 12.5 W pk 50 1215 MHz VCC = 50 V tp = 10 s D = 1% 0 5 10 15 Pin, INPUT POWER (WATTS pk) 20 25 50 VCC = 50 V tp = 10 s D = 1% 960 1090 f, FREQUENCY (MHz) 10 W pk 1215 0 0 .com Figure 2. Output Power versus Input Power Figure 3. Output Power versus Frequency MOTOROLA RF DEVICE DATA MRF1150MA MRF1150MB 2 DataSheet 4 U .com www..com 200 Pout , OUTPUT POWER (WATTS pk) f = 1090 MHz tp = 10 s D = 1% Pin = 20 W pk 17.5 W pk 15 W pk 100 14 Po = 150 W pk VCC = 50 V tp = 10 s D = 1% 12 G PB , POWER GAIN (dB) 45 50 150 10 8 50 10 W pk 20 12.5 W pk 6 0 5 10 25 35 20 30 VCC, SUPPLY VOLTAGE (VOLTS) 15 40 4 960 1090 f, FREQUENCY (MHz) 1215 Figure 4. Output Power versus Supply Voltage Figure 5. Power Gain versus Frequency 0 5.0 f = 960 MHz ZOL* 1215 Zin 1215 1090 10 10 Pout = 150 W pk VCC = 50 V tp = 10 s D = 1% f MHz 15 960 1090 1215 Zin Ohms 1.5 + j9.6 5.0 + j7.5 2.4 + j5.6 ZOL* Ohms 2.6 + j4.1 2.7 + j4.6 2.8 + j5.3 t4U.com f = 960 MHz 5.0 1090 e DataShe .com ZOL* = Conjugate of the optimum load ZOL* = impedance into which the device ZOL* = output operates at a given output ZOL* = power, voltage, and frequency. 15 Figure 6. Series Equivalent Input/Output Impedance Pout = 150 W pk VCC = 50 V tp = 10 s D = 1% SCALE 2 s/DIV Figure 7. Typical Pulse Performance .com MOTOROLA RF DEVICE DATA MRF1150MA MRF1150MB 3 DataSheet 4 U .com www..com PACKAGE DIMENSIONS L M 4 NOTES: 1. DIMENSION K APPLIES TWO PLACES. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1973. 3 2 K 1 D DIM A B C D E F H J K L M N U A H F U 8-32 UNC 2A J N C -T- SEATING PLANE MILLIMETERS MIN MAX 6.86 7.62 6.10 6.60 16.26 16.76 4.95 5.21 1.40 1.65 2.67 4.32 1.40 1.65 0.08 0.18 15.24 --- 2.41 2.67 45 _ NOM 4.97 6.22 2.92 3.68 BASE EMITTER BASE COLLECTOR INCHES MIN MAX 0.270 0.300 0.240 0.260 0.640 0.660 0.195 0.205 0.055 0.065 0.105 0.170 0.055 0.065 0.003 0.007 0.600 --- 0.095 0.105 45_ NOM 0.180 0.245 0.115 0.145 E -B- 0.76 (0.030) M TB M STYLE 1: PIN 1. 2. 3. 4. CASE 332-04 ISSUE D (MRF1150MA) t4U.com e DataShe .com F 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A C D F H J K INCHES MIN MAX 0.270 0.290 0.115 0.135 0.195 0.205 0.095 0.105 0.050 0.070 0.003 0.007 0.600 --- BASE EMITTER BASE COLLECTOR MILLIMETERS MIN MAX 6.86 7.36 2.93 3.42 4.96 5.20 2.42 2.66 1.27 1.77 0.08 0.17 15.24 --- K 1 3 D 2 H SEATING PLANE A J C STYLE 1: PIN 1. 2. 3. 4. CASE 332A-03 ISSUE D (MRF1150MB) .com MRF1150MA MRF1150MB 4 MOTOROLA RF DEVICE DATA DataSheet 4 U .com www..com t4U.com .com Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps .com MOTOROLA RF DEVICE DATA MRF1150MA/D MRF1150MA MRF1150MB 5 DataSheet 4 U .com |
Price & Availability of MRF1150MA |